Part Number Hot Search : 
33X64C BC847 M2901V AK4122 57312 74LS91 62503FG HFA16
Product Description
Full Text Search
 

To Download UWG1E220MCL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
WG
Chip Type, Low Impedance
series
Chip type, operating over wide temperature range of to - 55 ~ +105C. Designed for surface mounting on high density PC board. Applicable to automatic mounting machine using carrier tape. Adapted to the RoHS directive (2002/95/EC).
UD
Low Impedance
WG
Low Impedance
WF
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan Performance Characteristics
- 55 ~ +105C 6.3 ~ 50V 1 ~ 1500F 20% at 120Hz, 20C
After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (A) , whichever is greater.
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
6.3 0.26
10 0.19 6.3 2 4
16 0.16 10 2 4
25 0.14 16 2 3
35 0.12 25 2 3
50 0.12
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio Z- 55C / Z+20C ZT / Z20 (MAX.)
35 2 3
50 2 3
Endurance
After 1000 hours' application of rated voltage at 105C, capacitors meet the characteristic requirements listed at right.
Capacitance change Within 20% of initial value tan 200% or less of initial specified value Leakage current Initial specified value or less
Shelf Life Resistance to soldering heat Marking
After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. The capacitors shall be kept on the hot plate maintained at 250C Capacitance change Within 10% of initial value for 30 seconds. After removing from the hot plate and restored Initial specified value or less tan at room temperature, they meet the characteristic requirements Leakage current Initial specified value or less listed at right. Black print on the case top.
Chip Type
Type numbering system (Example : 10V 100F)
Positive C0.2 B0.2 0.5 MAX.
(f4 ~ 6.3)
Capacitance 105C Marking Voltage
fD0.5
Plastic platform 0.3 MAX.
UWG 1 A 1 0 1 M C L 1 G S
Taping code fD code 4 ~ 6.3 GB 8 10 GS Configuration fD Capacitance tolerance (20%) 4 ~ 6.3 code CL 8 (6.2L) CL Rated Capacitance (100F) Rated voltage (10V) 8 (10L) 10 NL Series name Type
(mm)
1 2 3 4 5 6 7 8 9 10 11 12 13 14
Lot No.
L +0.1 -0.2
H C0.2 B0.2
Negative Positive 0.5 MAX. E A0.2 A0.2 H C0.2 0.5 MAX. Negative Positive
(f8 6.2 )
Capacitance 105C Marking Trade mark
Voltage
fD0.5
Plastic platform 0.3 MAX.
X2P 100 10V
Lot No.
L0.3 Plastic platform 0.3 MAX.
fD0.5
A0.2 A0.2
X2P 100 6V
E
fD
(f8 10,
Capacitance 105C Marking Trade mark
f10
10 )
Voltage
L
Lot No. Voltage mark for 6.3V is 6V .
L0.5 Pressure relief vent
H
Dimension table in next page.
A0.2 A0.2
X2P 220 25V
B0.2
A B C E L H
4 5.4 5 5.4 6.3 5.4 8 6.2 8 10 10 10 3.2 2.9 3.3 2.4 2.1 1.8 10.3 8.3 8.3 6.6 5.3 4.3 10.3 8.3 8.3 6.6 5.3 4.3 4.5 3.1 2.3 2.2 1.3 1.0 10 10 6.2 5.4 5.4 5.4 0.5 ~ 0.8 0.5 ~ 0.8 0.5 ~ 0.8 0.5 ~ 0.8 0.8 ~ 1.1 0.8 ~ 1.1
E
Negative
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
WG
Cap. (F)
series
Dimensions
V Code
6.3
10
16
0J
4 x 5.4 5 x 5.4 6.3 x 5.4 6.3 x 5.4 8 x 6.2 8 x 10 3.0 1.8 1.0 1.0 0.4 0.3 60 5 x 5.4 95 140 140 230 450 10 x 10 10 x 10 10 x 10 0.15 0.15 670 670 10 x 10 8 x 6.2 8 x 6.2 8 x 10
1A
4 x 5.4 5 x 5.4 1.8 95 6.3 x 5.4 8 x 6.2 0.4 0.4 0.3 0.15 0.15 230 230 450 670 670 10 x 10 10 x 10 10 x 10 10 x 10 8 x 6.2
1C
3.0 1.8 1.0 0.4 0.4 0.15 0.15 0.15 0.15 60 95 140 230 230 670 670 670 670
10 22 33 47 68 100 150 220 330 470 680 1000 1500
100 220 330 470 680 101 151 221 331 471 681 102 152
Cap. (F)
V Code
25
35
50
1E
4 x 5.4 4 x 5.4 4 x 5.4 4 x 5.4 4 x 5.4 6.3 x 5.4 6.3 x 5.4 8 x 6.2 8 x 10 8 x 10 10 x 10 10 x 10 10 x 10 3.0 1.0 1.0 0.4 0.3 0.3 0.15 0.15 0.15 60 140 140 230 450 450 670 670 670 10 x 10 10 x 10 10 x 10 5 x 5.4 5 x 5.4 6.3 x 5.4 8 x 6.2 8 x 6.2
1V
3.0 3.0 3.0 3.0 1.8 1.8 1.0 0.4 0.4 0.15 0.15 0.15 60 60 60 60 95 95 140 230 230 670 670 670 6.3 x 5.4 8 x 6.2 8 x 10 10 x 10 10 x 10 10 x 10
Case size D x L (mm)
1H
4 x 5.4 4 x 5.4 4 x 5.4 5 x 5.4 5.0 5.0 5.0 3.0 2.0 0.7 0.6 0.3 0.3 0.3
Impedance
1 2.2 3.3 4.7 6.8 10 22 33 47 68 100 220 330 470
010 2R2 3R3 4R7 6R8 100 220 330 470 680 101 221 331 471
30 30 30 50 70 120 300 500 500 500
Rated ripple
Max. Impedance () at 20C 100kHz Rated Ripple (mArms) at 105C 100kHz
Frequency coefficient of rated ripple current
Frequency Coefficient 50 Hz 0.35 120 Hz 0.50 300 Hz 0.64 1 kHz 0.83 10 kHz~ 1.00
Taping specifications are given in page 24. Recommended land size, soldering by reflow are given in page 25, 26. Please select UJ(p.76) series if high C/V products are reqired. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UWG1E220MCL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X